PART |
Description |
Maker |
IRFBL10N60A |
N-Channel SMPS MOSFET(N娌?? 寮??妯″??垫?MOS?烘?搴??,?ㄤ?楂????C-DC杞???? HEXFET Power MOSFET HEXFET? Power MOSFET 11 A, 600 V, 0.61 ohm, N-CHANNEL, Si, POWER, MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 600V V(BR)DSS | 11A I(D) | TO-263VAR
|
IRF[International Rectifier] VISHAY SILICONIX
|
IRFZ44NL IRFZ44NS IRFZ44NSTRR IRFZ44NLPBF IRFZ44NS |
55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET? Power MOSFET Power MOSFET(Vdss=55V, Rds(on)=0.0175ohm, Id=49A) (IRFZ44NL / IRFZ44NS) Power MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 55V V(BR)DSS | 49A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 55V的五(巴西)直| 49A条(丁)|63AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRFL4310 IRFL4310TR |
HEXFET? Power MOSFET 1.6 A, 100 V, 0.2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-261AA Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=1.6A) 100V Single N-Channel HEXFET Power MOSFET in a SOT-223 package
|
IRF[International Rectifier]
|
VRF152E VRF152EMP VRF152E10 |
RF MOSFET (VDMOS) for 50V operation; P(out) (W): 150; P(in) (W): 6; Gain (dB): 14; VDD (V): 50; Coss (pF): 220; Case Style: M174 VHF BAND, Si, N-CHANNEL, RF POWER, MOSFET RF POWER VERTICAL MOSFET
|
Microsemi, Corp. Microsemi Corporation
|
VRF150 VRF15010 VRF150MP |
RF MOSFET (VDMOS) for 50V operation; P(out) (W): 150; P(in) (W): 15; Gain (dB): 10; VDD (V): 50; Coss (pF): 240; Case Style: M174 VHF BAND, Si, N-CHANNEL, RF POWER, MOSFET RF POWER VERTICAL MOSFET
|
Microsemi, Corp. Microsemi Corporation
|
IXFT74N20 IXFR90N20 IXFE24N100 |
HIPERFET POWER MOSFETs 74 A, 200 V, 0.3 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-268 90 A, 200 V, 0.022 ohm, N-CHANNEL, Si, POWER, MOSFET ISOPLUS247, 3 PIN Single MOSFET Die 22 A, 1000 V, 0.39 ohm, N-CHANNEL, Si, POWER, MOSFET
|
IXYS, Corp.
|
IRFP230 SSH40N15A SSH20N50A IRFP330 SSH60N10A |
9 A, 200 V, 0.4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-3P 40 A, 150 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-3P 20 A, 500 V, 0.25 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-3P 5.5 A, 400 V, 1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-3P 60 A, 100 V, 0.025 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-3P
|
FAIRCHILD SEMICONDUCTOR CORP
|
NTD18N06LT4G NTD18N06 NTD18N06L NTD18N06L-1 NTD18N |
Power MOSFET 18 A, 60 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 18 Amps, 60 Volts, Logic Level N-Channel DPAK
|
ONSEMI[ON Semiconductor]
|
IRF5802 IRF5802TR |
150V Single N-Channel HEXFET Power MOSFET in a TSOP-6 (Micro 6) package Power MOSFET(Vdss=150V, Id=0.9A) Power MOSFET(Vdss=150V/ Id=0.9A) 0.9 A, 150 V, 1.2 ohm, N-CHANNEL, Si, POWER, MOSFET
|
IRF[International Rectifier]
|
IRFBA22N50APBF |
24 A, 500 V, 0.23 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-273AA HEXFET㈢Power MOSFET HEXFET?Power MOSFET
|
International Rectifier
|
IRL7833LPBF IRL7833PBF IRL7833SPBF IRL7833STRLPBF |
75 A, 30 V, 0.0038 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB HEXFET?Power MOSFET HEXFET㈢Power MOSFET
|
International Rectifier
|
|